Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 95Page - STMicroelectronics STM32H562II Datasheet HTML 96Page - STMicroelectronics STM32H562II Datasheet HTML 97Page - STMicroelectronics STM32H562II Datasheet HTML 98Page - STMicroelectronics STM32H562II Datasheet HTML 99Page - STMicroelectronics STM32H562II Datasheet HTML 100Page - STMicroelectronics STM32H562II Datasheet HTML 101Page - STMicroelectronics STM32H562II Datasheet HTML 102Page - STMicroelectronics STM32H562II Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 270 page
background image
C7
93
136
D6
165
C6
59
93
137
D6
165
B5
61
PB7
I/O
FT_fa
-
TIM17_CH1N, TIM4_CH2,
I3C1_SDA, I2C1_SDA,
I2C4_SDA, USART1_RX,
LPUART1_RX, FDCAN1_TX,
SDMMC2_D5, SDMMC2_CKIN,
FMC_NL,
DCMI_VSYNC/PSSI_RDY,
EVENTOUT
WKUP5
D8
94
137
B5
166
A5
60
94
138
B5
166
D6
62
BOOT0
I
B
-
-
-
E9
95
138
F5
167
B5
61
95
139
E5
167
A5
63
PB8
I/O
FT_fhs
-
TIM16_CH1, TIM4_CH3,
I3C1_SCL, I2C1_SCL, SPI4_RDY,
I2C4_SCL, SDMMC1_CKIN,
UART4_RX, FDCAN1_RX,
SDMMC2_D4, ETH_MII_TXD3,
SDMMC1_D4,
DCMI_D6/PSSI_D6, EVENTOUT
-
-
96
139
E5
168
A4
-
96
140
A4
168
B4
64
PB9
I/O
FT_fhs
-
TIM17_CH1, TIM4_CH4,
I3C1_SDA, I2C1_SDA,
SPI2_NSS/I2S2_WS, I2C4_SDA,
SDMMC1_CDIR, UART4_TX,
FDCAN1_TX, SDMMC2_D5,
SDMMC2_CKIN, SDMMC1_D5,
DCMI_D7/PSSI_D7, EVENTOUT
-
-
97
140
D5
169
C5
-
97
141
C5
169
A4
65
PE0
I/O
FT_h
-
LPTIM1_ETR, TIM4_ETR,
LPTIM2_CH2, LPTIM2_ETR,
SPI3_RDY, UART8_RX,
FDCAN1_RX, SAI2_MCLK_A,
FMC_NBL0, DCMI_D2/PSSI_D2,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com