Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 97Page - STMicroelectronics STM32H562II Datasheet HTML 98Page - STMicroelectronics STM32H562II Datasheet HTML 99Page - STMicroelectronics STM32H562II Datasheet HTML 100Page - STMicroelectronics STM32H562II Datasheet HTML 101Page - STMicroelectronics STM32H562II Datasheet HTML 102Page - STMicroelectronics STM32H562II Datasheet HTML 103Page - STMicroelectronics STM32H562II Datasheet HTML 104Page - STMicroelectronics STM32H562II Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 270 page
background image
-
-
--
-
G9
-
--
--
G9
-
VSS
S
-
-
-
-
-
-
-
-
-
G10
--
--
-
G10
-
VSS
S
-
-
-
-
-
-
--
-
H6
-
--
--
H6
-
VSS
S
-
-
-
-
-
-
--
-
H7
-
--
--
H7
-
VSS
S
-
-
-
-
-
-
--
-
H8
-
--
--
H8
-
VSS
S
-
-
-
-
-
-
--
-
H9
-
--
--
H9
-
VSS
S
-
-
-
-
-
-
-
-
-
H10
--
--
-
H10
-
VSS
S
-
-
-
-
-
-
--
-
J6
-
--
--
J6
-
VSS
S
-
-
-
-
-
-
--
-
J7
-
--
--
J7
-
VSS
S
-
-
-
-
-
-
--
-
J8
-
--
--
J8
-
VSS
S
-
-
-
-
-
-
--
-
J9
-
--
--
J9
-
VSS
S
-
-
-
-
-
-
-
-
-
J10
--
--
-
J10
-
VSS
S
-
-
-
-
-
-
--
-
K6
-
--
--
K6
-
VSS
S
-
-
-
-
--
-
-
-
K7
-
-
-
-
-
K7
-
VSS
S
-
-
-
-
-
-
--
-
K8
-
--
--
K8
-
VSS
S
-
-
-
-
-
-
--
-
K9
-
--
--
K9
-
VSS
S
-
-
-
-
-
-
-
-
-
K10
--
--
-
K10
-
VSS
S
-
-
-
-
1. The devices with SMPS correspond to commercial code STM32H563xIxxQ.
2. A non-connected I/O in a given package is configured as an output tied to VSS. When VREF+ pad is not available on a package, the internal voltage reference buffer
(VREFBUF) is not available and must be kept disabled.
3. PC13, PC14 and PC15 are supplied through the power switch (by VSW). This switch sinks a limited amount of current, hence the use of PC13 to PC15 GPIOs in output mode
is limited: The speed must not exceed 2 MHz with a maximum load of 30 pF. These GPIOs must not be used as current sources (for example to drive a LED).
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com