Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 77Page - STMicroelectronics STM32H562II Datasheet HTML 78Page - STMicroelectronics STM32H562II Datasheet HTML 79Page - STMicroelectronics STM32H562II Datasheet HTML 80Page - STMicroelectronics STM32H562II Datasheet HTML 81Page - STMicroelectronics STM32H562II Datasheet HTML 82Page - STMicroelectronics STM32H562II Datasheet HTML 83Page - STMicroelectronics STM32H562II Datasheet HTML 84Page - STMicroelectronics STM32H562II Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 270 page
background image
M8
24
35
L3
41
M3
16
25
36
L3
42
P2
16
PA2
I/O
FT_hat
(5)
TIM2_CH3, TIM5_CH3,
TIM15_CH1, LPTIM1_IN2,
USART2_TX, SAI2_SCK_B,
ETH_MDIO, EVENTOUT
ADC12_INP14,
TAMP_IN4/TAMP_OUT3,
WKUP2
-
-
-
J4
42
R2
-
-
-
K3
43
F4
-
PH2
I/O
FT_h
-
LPTIM1_IN2, OCTOSPI1_IO4,
SAI2_SCK_B, ETH_MII_CRS,
FMC_SDCKE0, EVENTOUT
-
H10
-
--
-
L4
-
--
--
K4
-
VDD
S
-
-
-
-
P8
-
-
--
M4
--
--
-
L4
-
VSS
S
-
-
-
-
-
-
-
N2
43
P3
-
-
-
N2
44
G4
-
PH3
I/O
FT_ah
-
OCTOSPI1_IO5, SAI2_MCLK_B,
ETH_MII_COL, FMC_SDNE0,
EVENTOUT
-
-
-
-
N1-
R1
-
-
-N1
45
H4-
PH4
I/O
FT_fa
-
I2C2_SCL, SPI5_RDY, SPI6_RDY,
PSSI_D14, EVENTOUT
-
-
-
-
L4
-
P1
-
-
-
M3
46
J4
-
PH5
I/O
FT_fa
-
I2C2_SDA, SPI5_NSS,
SPI6_RDY, FMC_SDNWE,
EVENTOUT
-
T10
25
36
K4
44
N517
26
37
N3
47R217
PA3
I/O
FT_ah
-
TIM2_CH4, TIM5_CH4,
OCTOSPI1_CLK, TIM15_CH2,
SPI2_NSS/I2S2_WS, SAI1_SD_B,
USART2_RX, ETH_MII_COL,
EVENTOUT
ADC12_INP15
-
26
37M345
M718
27
38
M4
48M818
VSS
S
-
-
-
-
R1
27
38
N3
46
M6
19
28
39
N4
49
N8
19
VDD
S
-
-
-
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com