Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 82Page - STMicroelectronics STM32H562II Datasheet HTML 83Page - STMicroelectronics STM32H562II Datasheet HTML 84Page - STMicroelectronics STM32H562II Datasheet HTML 85Page - STMicroelectronics STM32H562II Datasheet HTML 86Page - STMicroelectronics STM32H562II Datasheet HTML 87Page - STMicroelectronics STM32H562II Datasheet HTML 88Page - STMicroelectronics STM32H562II Datasheet HTML 89Page - STMicroelectronics STM32H562II Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 270 page
background image
-
45
67
L10
77
N12
-
-
-
M9
80
R13
30
PB11
I/O
FT_f
-
TIM2_CH4, LPTIM2_ETR,
I2C2_SDA, SPI2_RDY, SPI4_RDY,
USART3_RX,
ETH_MII_TX_EN/ETH_RMII_TX_
EN, FMC_NBL1, EVENTOUT
-
T4
46
68
N9
78
R12
-
-
-
-
-
-
-
VLXSMPS
S
-
-
-
-
R3
47
69
N10
79
R13
-
-
-
-
-
-
-
VDDSMPS
S
-
-
-
-
N3
48
70
M10
80
P12
-
-
-
-
-
-
-
VSSSMPS
S
-
-
-
-
T2
49
71
N11
81
R14
30
48
70
N10
81
M10
31
VCAP
S
-
-
-
-
-
50
72
M11
82
M9
31
49
71
M12
82
M9
32
VSS
S
-
-
-
-
-
51
73
N12
83
M11
32
50
72
N11
83
N10
33
VDD
S
-
-
-
-
-
-
-
N13
84
P13
-
-
-
K10
84
M11
-
PH6
I/O
FT
-
TIM1_CH3N, TIM12_CH1,
TIM8_CH1, I2C2_SMBA,
SPI5_SCK, ETH_MII_RXD2,
FMC_SDNE1,
DCMI_D8/PSSI_D8, EVENTOUT
-
-
-
-
L11
85
P14
-
-
-
L10
85
N12
-
PH7
I/O
FT_f
-
TIM1_CH3, TIM8_CH1N,
I2C3_SCL, SPI5_MISO,
ETH_MII_RXD3, FMC_SDCKE1,
DCMI_D9/PSSI_D9, EVENTOUT
-
-
-
-
M12
-
N13
-
-
-
M10
86
M12
-
PH8
I/O
FT_fh
-
TIM1_CH2N, TIM5_ETR,
TIM8_CH2, I2C3_SDA,
SPI5_MOSI,
DCMI_HSYNC/PSSI_DE,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com