Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 86Page - STMicroelectronics STM32H562II Datasheet HTML 87Page - STMicroelectronics STM32H562II Datasheet HTML 88Page - STMicroelectronics STM32H562II Datasheet HTML 89Page - STMicroelectronics STM32H562II Datasheet HTML 90Page - STMicroelectronics STM32H562II Datasheet HTML 91Page - STMicroelectronics STM32H562II Datasheet HTML 92Page - STMicroelectronics STM32H562II Datasheet HTML 93Page - STMicroelectronics STM32H562II Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 270 page
background image
J1
62
86
G10 105
J13
-
62
86
H9
105
L14
-
PD15
I/O
FT_h
-
TIM4_CH4,
UART8_RTS/UART8_DE,
UART9_TX, FMC_D1/FMC_AD1,
EVENTOUT
-
-
-
--
---
--
---
-
VDD
S
-
-
-
-
-
-
--
---
--
---
-
VSS
S
-
-
-
-
-
-
87
H13 106
K15
-
-
87
J12
106
L15
-
PG2
I/O
FT_h
-
TIM8_BKIN, UART12_RX,
FMC_A12, LPTIM6_ETR,
EVENTOUT
-
-
-
88
G9
107 H14
-
-
88
G9
107
K15
-
PG3
I/O
FT_h
-
TIM8_BKIN2, UART12_TX,
FMC_A13, LPTIM5_ETR,
EVENTOUT
-
-
-
89
G11 108
J15
-
-
89
J13
108
K14
-
PG4
I/O
FT_h
-
TIM1_BKIN2,
FMC_A14/FMC_BA0,
LPTIM4_ETR, EVENTOUT
-
-
-
90
F8
109 H15
-
-
90
G10 109
K13
-
PG5
I/O
FT_h
-
TIM1_ETR, FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
91
G12 110
J14
-
-
91
G11
110
J15
-
PG6
I/O
FT_fh
-
TIM17_BKIN, I3C1_SDA,
I2C4_SDA, SPI1_RDY,
OCTOSPI1_NCS,
UCPD1_FRSTX, FMC_NE3,
DCMI_D12/PSSI_D12,
EVENTOUT
-
-
-
92
F9
111
H13
-
-
92
G8
111
J14
-
PG7
I/O
FT_fh
-
SAI1_CK2, I3C1_SCL, I2C4_SCL,
SAI1_MCLK_A, USART6_CK,
UCPD1_FRSTX, FMC_INT,
DCMI_D13/PSSI_D13,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com