Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 14Page - STMicroelectronics STM32H562II Datasheet HTML 15Page - STMicroelectronics STM32H562II Datasheet HTML 16Page - STMicroelectronics STM32H562II Datasheet HTML 17Page - STMicroelectronics STM32H562II Datasheet HTML 18Page - STMicroelectronics STM32H562II Datasheet HTML 19Page - STMicroelectronics STM32H562II Datasheet HTML 20Page - STMicroelectronics STM32H562II Datasheet HTML 21Page - STMicroelectronics STM32H562II Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 270 page
background image
Description
STM32H562xx and STM32H563xx
18/270
DS14258 Rev 5
Figure 1. STM32H562xx and STM32H563xx block diagram
Note:
PC[15:13] are in the VBAT domain.
VBAT
USB FS
NJTRST, JTDI, JTCK/SWCLK,
JTMS/SWDIO, JTDO
TRACECLK,
TRACED[3:0]
CLK, NE[4:1], NL, NBL[1:0],
A[25:0], D[15:0], NOE,
NWE, NWAIT, NCE, INT,
SDCLK,SDCLKE[1:0],
SDNE[1:0], SDNWE,
NRAS, NCAS, as AF
JTAG/ SW
MPU
ETM
NVIC
Arm Cortex-M33
250 MHz
TrustZone FPU
C-BUS
S-BUS
D[7:0], D[3:1]dir
CMD, CMDdir,CK, CKin
D0dir, D2dir
SDMMC1
SDMMC2
GPDMA1
GPDMA2
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port E
GPIO port F
GPIO port G
GPIO port H
GPIO port I
EXT IT. WKP
PA[15:0]
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
PH[15:0]
PI[7:0]
16 AF
20xIN
VDDA
ADC1
ITF
3 compl. channels
(TIM1_CH[1:3]N),
6 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM1/PWM
16-bit
3 compl. channels
(TIM1_CH[1:3]N),
6 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
TIM8/PWM
16-bit
2 channels,
1 compl. channel, BKIN as AF
TIM15
16-bit
1 channel,
1 compl. channel, BKIN as AF
TIM16
16-bit
1 channel,
1 compl. channel, BKIN as AF
TIM17
16-bit
RX, TX, CK,CTS,
RTS_DE as AF
MOSI, MISO, SCK,
NSS as AF
SPI1/I2S1
smcard
irDA
USART1
MCLK_A, SD_A, FS_A,
SCK_A, MCLK_B, SD_B,
FS_B, SCK_B as AF
MCLK_A, SD_A, FS_A,
SCK_A, MCLK_B, SD_B,
FS_B, SCK_B as AF
SAI2
SAI1
AHB/APB2
AHB/APB1
FMAC
CORDIC
CRC
AHB2 250 MHz
SRAM3 (320 Kbytes)
SRAM2 (64 Kbytes)
SRAM1 (256 Kbytes)
Flash memory
(up to 2 Mbytes)
OCTOSPI1 memory interface
Flexible memory controller (FMC):
SDRAM, SRAM, PSRAM, NOR flash, FRAM, NAND flash
IO[7:0], CLK, NCLK,
NCS. DQS as AF
RNG
HASH
DP
DM
D[15:0], CK, CMD as AF
DCMI/PSSI
VDD
Power management
Voltage regulator LDO or
SMPS 3.3 to 1.2 V
VDD = 1.71 to 3.6 V
VSS
VDD
VDD
Supply supervision
BOR
VDDIO, VDDUSB, VDDA,
VSSA, VDD, VSS, NRST
Reset
PVD, PVM
Int
VDD
XTAL OSC
4- 50 MHz
IWDG
OSC_IN
OSC_OUT
Standby
interface
VDD
HS64
CSI
LSI
PLL 1, 2, 3
Reset and clock control
TIM2
32-bit
TIM3
16-bit
TIM4
16-bit
TIM5
32-bit
smcard
irDA
UART4
UART5
SPI2/I2S2
I2C1/SMBUS
I2C2/SMBUS
FDCAN2
USART2
smcard
irDA
USART3
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
RX, TX, CK, CTS,
RTS_DE as AF
RX, TX, CK, CTS,
RTS_DE as AF
RX, TX, CTS,
RTS_DE as AF
RX, TX, CTS,
RTS_DE as AF
MOSI, MISO, SCK,
NSS as AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
TX, RX as AF
WWDG
CRS
TIM6 16-bit
TIM7 16-bit
UCPD1
CC1, DBCC1, CC2,
DBCC2, FRSCC1,
FRSCC2 as AF
LPTIM2
IN1, IN2, CH1, CH2,
ETR as AF
AHB/APB3
Temperature
monitoring
VBAT
XTAL 32k
RTC
RTC_OUT1, RTC_OUT2,
RTC_REFIN, RTC_TS
TAMP
RTC_OUT[8:1],
RTC_IN[8:1]
VDDA
VREF buffer
VREF+
LPTIM1
IN1, IN2, CH1, CH2,
ETR as AF
SBS
I2C3/SMBUS
SCL, SDA, SMBA as AF
SPI5
MOSI, MISO, SCK,
NSS as AF
LPUART1
RX, TX, CTS, RTS_DE as
AF
VDDUSB
BKPSRAM
(4 Kbytes)
AUDIOCLK as AF
GTZC1
HSI48
WKUPx (x=1 to 8)
SRAM
512 B
MAC ETHERNET
RAMCFG
MOSI, MISO, SCK,
NSS as AF
SPI4
MOSI, MISO, SCK,
NSS as AF
SPI6
ADC2
VDDA
DAC1
ITF
DAC1_OUT1
DAC1_OUT2
I2C4/SMBUS
SCL, SDA, SMBA as AF
FDCAN1
TX, RX as AF
EXTI
LPTIM3
IN1, IN2, CH1, CH2,
ETR as AF
TIM12 16-bit
TIM13 16-bit
TIM14 16-bit
2 channels, ETR as AF
1 channel, ETR as AF
1 channel, ETR as AF
UART7
UART8
RX, TX, CTS, RTS_DE as AF
RX, TX, CTS, RTS_DE as AF
UART9
RX, TX, CTS, RTS_DE as AF
smcard
irDA
USART10
smcard
irDA
USART11
RX, TX, CK, CTS,
RTS_DE as AF
RX, TX, CK, CTS,
RTS_DE as AF
IWDG
HDMI-CEC
UART12
RX, TX, CTS, RTS_DE as AF
smcard
irDA
USART6
RX, TX, CK, CTS,
RTS_DE as AF
SPI3/I2S3
MOSI, MISO, SCK,
NSS as AF
DTS
LPTIM4
IN1, ETR as AF
LPTIM5
IN1, IN2, CH1, CH2,
ETR as AF
LPTIM6
IN1, IN2, CH1, CH2,
ETR as AF
MSv67308V6
I3C1
SCL, SDA
CEC
VDD power domain
VDDA power domain
VDDUSB power domain
VBAT power domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com