Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 16Page - STMicroelectronics STM32H562II Datasheet HTML 17Page - STMicroelectronics STM32H562II Datasheet HTML 18Page - STMicroelectronics STM32H562II Datasheet HTML 19Page - STMicroelectronics STM32H562II Datasheet HTML 20Page - STMicroelectronics STM32H562II Datasheet HTML 21Page - STMicroelectronics STM32H562II Datasheet HTML 22Page - STMicroelectronics STM32H562II Datasheet HTML 23Page - STMicroelectronics STM32H562II Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
20/270
DS14258 Rev 5
•
Close to 0 wait-states instructions/data access performance:
–
0 wait-states on cache hit
–
hit-under-miss capability, allowing to serve new processor requests while a line
refill (due to a previous cache miss) is still ongoing
–
critical-word-first refill policy, minimizing processor stalls on cache miss
–
hit ratio improved by two-way set-associative architecture and pLRU-t
replacement policy (pseudo-least-recently-used, based on binary tree), algorithm
with best complexity/performance balance
–
dual master ports allowing to decouple internal and external memory traffic,
respectively, on fast and slow buses, minimizing impact on interrupt latency
–
optimal cache line refill thanks to AHB burst transactions (of the cache line size)
–
performance monitoring by means of a hit counter and a miss counter
•
Extension of cacheable region beyond the code memory space, by means of address
remapping logic that allows four cacheable external regions to be defined
•
Power consumption reduced intrinsically (more accesses to cache memory rather than
to bigger main memories); even improved by configuring ICACHE as direct mapped
(rather than the default two-way set-associative mode)
•
TrustZone security support
•
Maintenance operation for software management of cache coherency
•
Error management: detection of unexpected cacheable write access, with optional
interrupt raising
3.2.2
Data cache (DCACHE)
The data cache (DCACHE) is introduced on S-AHB system bus of Cortex-M33 processor to
improve the performance of data traffic to/from external memories.
DCACHE offers the following features:
•
Multi-bus interface:
–
slave port receiving the memory requests from the Cortex-M33 S-AHB system
port
–
master port performing refill requests to external memories (external flash memory
and RAMs through Octo-SPI and FMC interfaces)
–
a second slave port dedicated to DCACHE registers access
•
Close to zero wait-states external data access performance:
–
zero wait-states on cache hit
–
hit-under-miss capability, allowing to serve new processor requests to cached
data, while a line refill (due to a previous cache miss) is still ongoing
–
critical-word-first refill policy for read transactions, minimizing processor stalls on
cache miss
–
hit ratio improved by two-way set-associative architecture and pLRU-t
replacement policy (pseudo-least-recently-used, based on binary tree), algorithm
with best complexity/performance balance
–
optimal cache line refill thanks to AHB burst transactions (of the cache line size)
–
performance monitoring by means of two hit counters (for read and write) and two
miss counters (for read and write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com