Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 207Page - STMicroelectronics STM32H562II Datasheet HTML 208Page - STMicroelectronics STM32H562II Datasheet HTML 209Page - STMicroelectronics STM32H562II Datasheet HTML 210Page - STMicroelectronics STM32H562II Datasheet HTML 211Page - STMicroelectronics STM32H562II Datasheet HTML 212Page - STMicroelectronics STM32H562II Datasheet HTML 213Page - STMicroelectronics STM32H562II Datasheet HTML 214Page - STMicroelectronics STM32H562II Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 270 page
background image
DS14258 Rev 5
211/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
tSETTLING
Settling time (full scale: for a
12-bit code transition
between the lowest and the
highest input codes when
DAC_OUT reaches the final
value of ±0.5LSB, ±1LSB,
±2LSB, ±4LSB, ±8LSB)
Normal mode, DAC
output buffer ON,
CL ≤ 50 pF,
RL ≥ 5 kΩ
±0.5 LSB
-
2.05
3
µs
±1 LSB
-
1.97
2.87
±2 LSB
-
1.67
2.84
±4 LSB
-
1.66
2.78
±8 LSB
-
1.65
2.7
Normal mode, DAC output buffer
OFF, ±1LSB CL= 10 pF
-1.7
2
tWAKEUP
(2)
Wake-up time from off state
(setting the ENx bit in the
DAC control register) until
the final value of ±1LSB is
reached
Normal mode, DAC output buffer
ON, CL ≤ 50 pF, RL = 5 kΩ
-5
7.5
µs
Normal mode, DAC output buffer
OFF, CL ≤ 10 pF
-2
5
PSRR
DC VDDA supply rejection
ratio
Normal mode, DAC output buffer
ON, CL ≤ 50 pF, RL = 5 kΩ
--80
-28
dB
tSAMP
Sampling time in Sample
and Hold mode, CL= 100 nF
(code transition between the
lowest and the highest input
code when DAC_OUT
reaches the ±1LSB final
value)
MODE<2:0>_V12 = 100/101
(BUFFER ON)
-0.7
2.6
ms
MODE<2:0>_V12 = 110
(BUFFER OFF)
-
11.5
18.7
MODE<2:0>_V12=111(3)
(INTERNAL BUFFER OFF)
-0.3
0.6
µs
Ileak
Output leakage current
-
-
-
(4)
nA
CIint
Internal sample and hold
capacitor
-
1.8
2.2
2.6
pF
tTRIM
Middle code offset trim time Minimum time to verify each code
50
-
-
µs
Voffset
Middle code offset for
1 trim code step
VREF+ = 3.6 V
-
850
-
µV
VREF+ = 1.8 V
-
425
-
IDDA(DAC)
DAC quiescent consumption
from VDDA
DAC output buffer
ON
No load,
middle
code
(0x800)
-360
-
µA
No load,
worst code
(0xF1C)
-490
-
DAC output buffer
OFF
No load,
middle/
worst code
(0x800)
-20
-
Sample and Hold mode,
CSH = 100 nF
-
360*TON/
(TON+TOFF)(5)
-
Table 98. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com