Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 205Page - STMicroelectronics STM32H562II Datasheet HTML 206Page - STMicroelectronics STM32H562II Datasheet HTML 207Page - STMicroelectronics STM32H562II Datasheet HTML 208Page - STMicroelectronics STM32H562II Datasheet HTML 209Page - STMicroelectronics STM32H562II Datasheet HTML 210Page - STMicroelectronics STM32H562II Datasheet HTML 211Page - STMicroelectronics STM32H562II Datasheet HTML 212Page - STMicroelectronics STM32H562II Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 270 page
background image
DS14258 Rev 5
209/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
pad capacitance (refer to Table 58). A high Cparasitic value downgrades conversion accuracy. To remedy
this, fADC should be reduced.
3. Refer to Table 58 for the value of Ilkg.
4. Refer to Figure 20.
General PCB design guidelines
It is recommended to perform power supply decoupling as shown in Figure 58 or Figure 59,
depending on whether VREF+ is connected to VDDA or not. The 100 nF capacitors must be
ceramic (good quality), and placed as close as possible to the chip.
Figure 58. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ input is not available on all packages (refer to Table 14), VREF- is available only on UFBGA176+25,
UFBGA169 with SMPS, LQFP100, UFBGA169, and UFBGA176+25 packages. When VREF+ is not
available, it is internally connected to VSSA.
MSv50648V2
1 μF // 100 nF
1 μF // 100 nF
STM32
VREF+
(1)
VSSA/VREF-
(1)
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com