Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 214 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 210Page - STMicroelectronics STM32H562II Datasheet HTML 211Page - STMicroelectronics STM32H562II Datasheet HTML 212Page - STMicroelectronics STM32H562II Datasheet HTML 213Page - STMicroelectronics STM32H562II Datasheet HTML 214Page - STMicroelectronics STM32H562II Datasheet HTML 215Page - STMicroelectronics STM32H562II Datasheet HTML 216Page - STMicroelectronics STM32H562II Datasheet HTML 217Page - STMicroelectronics STM32H562II Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
214/270
DS14258 Rev 5
Figure 60. 12-bit buffered/non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external
loads directly, without the use of an external operational amplifier. The buffer can be bypassed by
configuring the BOFFx bit in the DAC_CR register.
5.3.25
Analog temperature sensor characteristics
R L
C L
Buffered/Non-buffered DAC
DAC_OUTx
Buffer(1)
12-bit
digital to
analog
converter
ai17157V3
Table 100. Analog temperature sensor characteristics
Symbol
Parameter
Min Typ Max
Unit
TL(1)
1. Specified by design - Not tested in production.
VSENSE linearity with temperature (from VSENSOR voltage)
-
-
3
°C
VSENSE linearity with temperature (from ADC counter)
-
-
3
Avg_Slope(2)
2. Evaluated by characterization - Not tested in production.
Average slope (from VSENSOR voltage)
-
2
-
mV/°C
Average slope (from ADC counter)
-
2
-
V30(3)
3. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 bytes.
Voltage at 30 °C ± 5 °C
-
0.62
-
V
tstart_run
Startup time in Run mode (buffer startup)
-
-
25.2
µs
tS_temp(1)
ADC sampling time when reading the temperature
9
-
-
Isens(1)
Sensor consumption
-
0.18 0.31
µA
Isensbuf(1)
Sensor buffer consumption
-
3.8
6.5
Table 101. Temperature sensor calibration values
Symbol
Parameter
Memory address
TS_CAL1
Temperature sensor raw data acquired value at 30 °C,
VDDA = 3.3 V
0x08FF F814 -0x08FF F815
TS_CAL2
Temperature sensor raw data acquired value at 130 °C,
VDDA = 3.3 V
0x08FF F818 - 0x08FF F819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com