Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3865LTI-059 Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # CY8C3865LTI-059
Description  Programmable System-on-Chip (PSoC짰)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3865LTI-059 Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button CY8C3865LTI-059 Datasheet HTML 121Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 122Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 123Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 124Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 125Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 126Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 127Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 128Page - Cypress Semiconductor CY8C3865LTI-059 Datasheet HTML 129Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 127 of 129
*L
2938381
05/27/10
MKEA
Replaced VDDIO with VDDD in USBIO diagram and specification tables, added
text in USBIO section of Electrical Specifications.
Added Table 13-2 (Package MSL)
Modified Tstorag condition and changed max spec to 100
Added bullet (Pass) under ALU (section 7.2.2.2)
Added figures for kHzECO and MHzECO in the External Oscillator section
Updated Figure 6-1(Clocking Subsystem diagram)
Removed CPUCLK_DIV in table 5-2, Deleted Clock Divider SFR subsection
Updated PSoC Creator Framework image
Updated SIO DC Specifications (VIH and VIL parameters)
Updated bullets in Clocking System and Clocking Distribution sections
Updated Figure 8-2
Updated PCB Layout and Schematic, updated as per MTRB review comments
Updated Table 6-3 (power changed to current)
In 32kHZ EC DC Specifications table, changed ICC Max to 0.25
In IMO DC Specifications table, updated Supply Current values
Updated GPIO DC Specs table
*M
2958674
06/22/10
SHEA
Minor ECN to post data sheet to external website
*N
2989685
08/04/10
MKEA
INL max is changed from 16 to 32 in Table 11-20, 20-bit Delta-sigma ADC AC
Specifications.
Added to Table 6-6 a footnote and references to same.
Added sentences to the resistive pullup and pull-down description bullets.
Added sentence to Section 6.4.11, Adjustable Output Level.
Updated section 5.5 External Memory Interface
Updated Table 11-73 JTAG Interface AC Specifications
Updated Table 11-74 SWD Interface AC Specifications
Updated style changes as per the new template.
*O
3078568
11/04/10
MKEA
Added 48-SSOP pin and package details.
Removed PLL output duty cycle spec.
Updated “Current Digital-to-analog Converter (IDAC)” on page 88
Updated “Voltage Digital to Analog Converter (VDAC)” on page 93
Updated Table 11-2, “DC Specifications,” on page 65
Updated Table 11-27, “Voltage Reference Specifications,” on page 87
*P
3107314
12/10/2010
MKEA
Updated delta-sigma tables and graphs.
Formatted table 11.2.
Updated interrupt controller table
Updated transimpedance amplifier section
Updated SIO DC specs table
Updated Voltage Monitors DC Specifications table
Updated LCD Direct Drive DC specs table
Replaced the Discrete Time Mixer and Continuous Time Mixer tables with Mixer
DC and AC specs tables
Updated ESDHBM value.
Updated IDAC and VDAC sections
Removed ESO parts from ordering information
Changed USBIO pins from NC to DNU and removed redundant USBIO pin
description notes
Updated POR with brown out DC and AC specs
Updated PGA AC specs
Updated 32 kHz External Crystal DC Specifications
Updated opamp AC specs
Updated XRES IO specs
Updated Inductive boost regulator section
Delta sigma ADC spec updates
Updated comparator section
Removed buzz mode from Power Mode Transition diagram
Updated opamp DC and AC spec tables
Updated PGA DC table
Description Title: PSoC® 3: CY8C38 Family Data Sheet Programmable System-on-Chip (PSoC®)
Document Number: 001-11729
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com