Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 155Page - STMicroelectronics STM32H562II Datasheet HTML 156Page - STMicroelectronics STM32H562II Datasheet HTML 157Page - STMicroelectronics STM32H562II Datasheet HTML 158Page - STMicroelectronics STM32H562II Datasheet HTML 159Page - STMicroelectronics STM32H562II Datasheet HTML 160Page - STMicroelectronics STM32H562II Datasheet HTML 161Page - STMicroelectronics STM32H562II Datasheet HTML 162Page - STMicroelectronics STM32H562II Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 270 page
background image
DS14258 Rev 5
159/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.13
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is
stressed to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive pulse followed by a negative one) are applied to the pins
of each sample according to each pin combination. This test conforms to the
ANSI/ESDA/JEDEC JS-001 and ANSI/ESDA/JEDEC JS-002 standards.
Static latch-up
Two complementary static tests are required on six parts to assess the latch-up
performance:
•
A supply overvoltage is applied to each power supply pin
•
A current injection is applied to each input, output and configurable I/O pin
These tests are compliant with the JESD78 IC latch-up standard.
5.3.14
I/O current injection characteristics
As a general rule, avoid current injection to the I/O pins, due to external voltage below VSS
or above VDD (for standard, 3.3 V-capable I/O pins) during the normal product operation. To
give an indication of the device robustness when an abnormal injection accidentally
happens, susceptibility tests are performed on a sample basis during the characterization.
Functional susceptibility to I/O current injection
While a simple application is executed, the device is stressed by injecting current into the
I/O pins (one at the time) programmed in floating input mode, and checked for functional
failures. The failure is indicated by an out of range parameter: ADC error above a certain
Table 55. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Packages
Class
Maximum
value(1)
Unit
VESD(HBM)
Electrostatic discharge
voltage (human body model)
TA = 25 °C, conforming to
ANSI/ESDA/JEDEC JS-001
Packages
with SMPS
1C
1000(2)
V
Packages
without SMPS
22000
VESD(CDM)
Electrostatic discharge
voltage (charge device model)
TA = 25 °C, conforming to
ANSI/ESDA/JEDEC JS-002
All packages
C2a
500
V
1. Evaluated by characterization - Not tested in production.
2. The electrostatic discharge is 2000 V for all pins, except VFBSMPS, for which the test fails at 2000 V and passes at 1600 V.
Table 56. Electrical sensitivities
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TJ = 130 °C, conforming to JESD78
II level A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com