Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 157Page - STMicroelectronics STM32H562II Datasheet HTML 158Page - STMicroelectronics STM32H562II Datasheet HTML 159Page - STMicroelectronics STM32H562II Datasheet HTML 160Page - STMicroelectronics STM32H562II Datasheet HTML 161Page - STMicroelectronics STM32H562II Datasheet HTML 162Page - STMicroelectronics STM32H562II Datasheet HTML 163Page - STMicroelectronics STM32H562II Datasheet HTML 164Page - STMicroelectronics STM32H562II Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 270 page
background image
DS14258 Rev 5
161/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS technology or TTL parameters. The
coverage of these requirements for FT I/Os is shown in the following figure.
Ileak(4)
FT_xx input leakage
current(3)
0 < VIN ≤
Max(VDDXXX)(7)
--
±200
nA
Max(VDDXXX) <
VIN ≤ Max(VDDXXX) +
1 V) (5)(7)
-
-
2500
Max(VDDXXX) < VIN ≤
5.5 V (5)(7)
--
750
TT_xx input leakage
current
0 < VIN ≤ Max(VDDXXX)
(7)
--
±200
BOOT0
0 < VIN ≤ VDDOX
--
15
RPU
Weak pull-up
equivalent resistor(6)
VIN = VSS
30
40
50
kΩ
RPD
Weak pull-down
equivalent resistor(6)
VIN = VDD(7)
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. VDDIOx represents VDD or VDDIO2.
2. Compliant with CMOS requirements.
3. Specified by design - Not tested in production.
4. This parameter represents the pad leakage of the I/O itself. The total product pad leakage is provided by the following
formula: ITotal_Ieak_max = 10 μA + [number of I/Os where VIN is applied on the pad] ₓ Ilkg(Max).
5. VIN must be lower than Max(VDDXXX) + 3.6 V.
6. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10%).
7. Max(VDDXXX) is the maximum value of all the I/O supplies.
Table 58. I/O static characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com