Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 161Page - STMicroelectronics STM32H562II Datasheet HTML 162Page - STMicroelectronics STM32H562II Datasheet HTML 163Page - STMicroelectronics STM32H562II Datasheet HTML 164Page - STMicroelectronics STM32H562II Datasheet HTML 165Page - STMicroelectronics STM32H562II Datasheet HTML 166Page - STMicroelectronics STM32H562II Datasheet HTML 167Page - STMicroelectronics STM32H562II Datasheet HTML 168Page - STMicroelectronics STM32H562II Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 270 page
background image
DS14258 Rev 5
165/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Output buffer timing characteristics (HSLV option disabled)
The HSLV bit of GPIOx_HSLVR register can be used to optimize the I/O speed when the
voltage is below 2.7 V.
Table 62. Output voltage characteristics for PC14 and PC15(1)
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified
in Table 17, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must
always respect the absolute maximum ratings ΣIIO.
Symbol
Parameter
Conditions(3)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2), IIO = 0.5 mA
2.7 V ≤ VDD ≤ 3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH
Output high level voltage
CMOS port(2), IIO = -0.5 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD - 0.4
-
VOL(3)
3. Specified by design - Not tested in production.
Output low level voltage
TTL port(2), IIO = 0.5 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
VOH(3) Output high level voltage
TTL port(2), IIO = -0.5 mA
2.7 V ≤ VDD ≤ 3.6 V
2.4
-
VOL(3) Output low level voltage
IIO = 0.25 mA
1.71 V ≤ VDD ≤ 3.6 V
-0.4
VOH(3) Output high level voltage
IIO = -0.25 mA
1.71 V ≤ VDD ≤ 3.6 V
VDD - 0.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com