Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 151Page - STMicroelectronics STM32H562II Datasheet HTML 152Page - STMicroelectronics STM32H562II Datasheet HTML 153Page - STMicroelectronics STM32H562II Datasheet HTML 154Page - STMicroelectronics STM32H562II Datasheet HTML 155Page - STMicroelectronics STM32H562II Datasheet HTML 156Page - STMicroelectronics STM32H562II Datasheet HTML 157Page - STMicroelectronics STM32H562II Datasheet HTML 158Page - STMicroelectronics STM32H562II Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 270 page
background image
DS14258 Rev 5
155/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Jitter
Cycle-to-cycle jitter
fVCO_OUT = 128 MHz
-
60
-
±ps
fVCO_OUT = 200 MHz
-
50
-
fVCO_OUT = 400 MHz
-
20
-
fVCO_OUT = 560 MHz
-
15
-
Long term jitter
Normal mode (f PLL_IN = 2 MHz),
fVCO_OUT = 560 MHz
-±0.2
-
%
Normal mode (f PLL_IN = 16 MHz),
fVCO_OUT = 560 MHz
-±0.8
-
Sigma-delta mode (f PLL_IN = 2 MHz),
fVCO_OUT = 560 MHz
-±0.2
-
Sigma-delta mode (f PLL_IN = 16 MHz),
fVCO_OUT = 560 MHz
-±0.8
-
IDD(PLL)
PLL power consumption on
VDD
fVCO_OUT = 560 MHz
VDD
-330
420
μA
VCORE
-630
-
fVCO_OUT = 128 MHz
VDD
-155
230
VCORE
-170
-
1. Specified by design - Not tested in production, unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation.
3. Evaluated by characterization - Not tested in production.
Table 48. PLL characteristics (wide VCO frequency range)(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 49. PLL characteristics (medium VCO frequency range)
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
fPLL_IN
PLL input clock
-
1
-
2
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT
PLL multiplier output clock
P, Q, R
VOS0
1.17
-
210
MHz
VOS1
1.17
-
210
VOS2
1.17
-
160(2)
VOS3
1.17
-
88(2)
fVCO_OUT PLL VCO output
-
150
-
420
tLOCK
PLL lock time
Normal mode
-
45
80(3)
μs
Sigma-delta mode
Forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com