Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 133Page - STMicroelectronics STM32H562II Datasheet HTML 134Page - STMicroelectronics STM32H562II Datasheet HTML 135Page - STMicroelectronics STM32H562II Datasheet HTML 136Page - STMicroelectronics STM32H562II Datasheet HTML 137Page - STMicroelectronics STM32H562II Datasheet HTML 138Page - STMicroelectronics STM32H562II Datasheet HTML 139Page - STMicroelectronics STM32H562II Datasheet HTML 140Page - STMicroelectronics STM32H562II Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 270 page
background image
DS14258 Rev 5
137/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
1. Evaluated by characterization - Not tested in production.
2. The maximum values are given for LDO regulator ON. Refer to Section 5.3.3 for the SMPS maximum current consumption.
Table 29. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, 1-way instruction cache ON, PREFETCH ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(Run)
Supply current
in Run mode
All peripherals
disabled
VOS0
250
29.2
15.9
34
62
84
-
mA
200
23.3
12.5
28
56
78
-
VOS1
200
20.1
10.0
23
43
59
91
180
18.5
9.2
21
41
57
89
150
15.4
7.8
18
38
54
86
VOS2
150
14.0
6.7
16
32
45
71
100
9.8
4.8
12
27
40
67
VOS3
100
8.9
4.2
10
22
33
54
25
3.0
1.6
4.0
17
27
49
1. Evaluated by characterization - Not tested in production.
2. The maximum values are given for LDO regulator ON. Refer to Section 5.3.3 for the SMPS maximum current consumption.
Table 30. Typical and maximum current consumption in Run mode, code with data processing
running from SRAM with cache 1-way
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD
(Run)
Supply current
in Run mode
All peripherals
disabled
VOS0
250
27.8
15.5
32
61
82
-
mA
215
24.1
13.4
29
57
79
-
200
22.1
12.3
27
55
77
-
VOS1
200
19.1
9.9
22
42
58
90
180
17.6
9.1
20
40
56
88
150
14.6
7.6
22
42
58
90
VOS2
150
13.3
6.6
17
37
53
85
100
9.4
4.7
11
27
40
66
VOS3
100
8.5
4.1
10
22
33
54
60
5.6
2.8
7
19
30
51
25
2.9
1.6
4
16
27
48
1. Evaluated by characterization - Not tested in production.
2. The maximum values are given for LDO regulator ON. Refer to Section 5.3.3 for the SMPS maximum current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com