Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 140Page - STMicroelectronics STM32H562II Datasheet HTML 141Page - STMicroelectronics STM32H562II Datasheet HTML 142Page - STMicroelectronics STM32H562II Datasheet HTML 143Page - STMicroelectronics STM32H562II Datasheet HTML 144Page - STMicroelectronics STM32H562II Datasheet HTML 145Page - STMicroelectronics STM32H562II Datasheet HTML 146Page - STMicroelectronics STM32H562II Datasheet HTML 147Page - STMicroelectronics STM32H562II Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
144/270
DS14258 Rev 5
AHB2
ADC12
2.35
2.1
1.9
1.74
μA/MHz
DAC1
1.35
1.19
1.07
0.98
DCMI
3.49
3.09
2.83
2.55
GPIOA
0.1
0.08
0.07
0.08
GPIOB
0.07
0.06
0.05
0.05
GPIOC
0.08
0.05
0.04
0.04
GPIOD
0.09
0.06
0.05
0.04
GPIOE
0.09
0.09
0.08
0.05
GPIOF
0.06
0.08
0.08
0.05
GPIOG
0.07
0.07
0.06
0.04
GPIOH
0.07
0.07
0.05
0.06
GPIOI
0.07
0.07
0.06
0.04
HASH1
1.37
1.2
1.1
1
PKA
5.43
4.78
4.37
3.98
RNG1
1.12
0.99
0.9
0.82
SRAM2
1.33
1.18
1.06
0.96
SRAM3
1.5
1.33
1.22
1.1
AHB2
1.59
1.39
1.29
1.16
AHB4
FMC
9.73
8.48
7.69
6.95
uA/MHz
OSPI1
2.88
2.54
2.29
2.08
SDMMC1
8.71
7.64
6.98
6.36
SDMMC2
8.46
7.45
6.82
6.2
AHB4
0.36
0.32
0.32
0.28
Table 38. Peripheral current consumption in Sleep mode (continued)
Bus
Peripheral
IDD (typ)
Unit
VOS0
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com