Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 268 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 268 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 262Page - STMicroelectronics STM32H562II Datasheet HTML 263Page - STMicroelectronics STM32H562II Datasheet HTML 264Page - STMicroelectronics STM32H562II Datasheet HTML 265Page - STMicroelectronics STM32H562II Datasheet HTML 266Page - STMicroelectronics STM32H562II Datasheet HTML 267Page - STMicroelectronics STM32H562II Datasheet HTML 268Page - STMicroelectronics STM32H562II Datasheet HTML 269Page - STMicroelectronics STM32H562II Datasheet HTML 270Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 268 / 270 page
background image
Revision history
STM32H562xx and STM32H563xx
268/270
DS14258 Rev 5
9
Revision history
Table 141. Document revision history
Date
Revision
Changes
06-Mar-2023
1
Initial release.
20-Oct-2023
2
Updated Features and Section 3.10.1: Power supply schemes.
Updated Table 2: STM32H56xxx features and peripheral counts,
Table 18: Current characteristics, Table 20: General operating
conditions, tables 30 to 32, tables 34 to 35, Table 58: I/O static
characteristics, and Table 64: Output timing characteristics (HSLV ON).
Updated Figure 7: WLCSP80 SMPS ballout, Figure 41: NAND
controller waveforms for read access, Figure 42: NAND controller
waveforms for write access, Figure 63: SPI timing diagram - Master
mode, Figure 65: SPI timing diagram - Slave mode and CPHA = 1,
Figure 69: SAI master timing waveforms, and Figure 70: SAI slave
timing waveforms.
Added Section 3.32: Public key accelerator (PKA), Section 6.1: Device
marking, and Example of device marking for WLCSP80.
Minor text edits across the whole document.
28-May-2024
3
Updated Figure 1: STM32H562xx and STM32H563xx block diagram,
Figure 6: VFQFPN68 pinout, Figure 17: UFBGA176+25 SMPS ballout,
Figure 31: VIL/VIH for all I/Os except BOOT0, and Figure 63: SPI
timing diagram - Master mode.
Updated Table 14: STM32H562xx and STM32H563xx pin/ball
definition, Table 15: Alternate functions AF0 to AF7, Table 21:
Maximum allowed clock frequencies, Table 23: Characteristics of
SMPS step-down converter external components, Table 30: Typical
and maximum current consumption in Run mode, code with data
processing running from SRAM with cache 1-way, Table 45: HSI
oscillator characteristics, tables 53 to 55, Table 122: Dynamic
characteristics: SD/MMC, VDD = 2.7 to 3.6 V, and Table 123: Dynamic
characteristics: eMMC, VDD = 1.71 to 1.9 V.
Updated Section 3.24.1: Analog temperature sensor.
Added Section 3.25: Digital temperature sensor (DTS), Section 5.3.14:
I/O current injection characteristics, and USB full speed (FS)
characteristics.
Added Table 60: Output voltage characteristics for FT_c I/Os and
Table 67: Output timing characteristics for FT_c I/Os (PB13/PB14).
Added Figure 36: Asynchronous multiplexed PSRAM/NOR write
waveforms.
Minor text edits across the whole document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com