Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 146Page - STMicroelectronics STM32H562II Datasheet HTML 147Page - STMicroelectronics STM32H562II Datasheet HTML 148Page - STMicroelectronics STM32H562II Datasheet HTML 149Page - STMicroelectronics STM32H562II Datasheet HTML 150Page - STMicroelectronics STM32H562II Datasheet HTML 151Page - STMicroelectronics STM32H562II Datasheet HTML 152Page - STMicroelectronics STM32H562II Datasheet HTML 153Page - STMicroelectronics STM32H562II Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
150/270
DS14258 Rev 5
Note:
For information on selecting the crystal, refer to AN2867 “Guidelines for oscillator design on
STM8AF/AL/S and STM32 MCUs/MPUs”, available from www.st.com.
Figure 29. Typical application with an 8 MHz crystal
1. REXT value depends on the crystal characteristics.
Low-speed external clock generated from a crystal resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator
oscillator. All the information given in this paragraph is based on design simulation results
obtained with typical external components specified in Table 43. In the application, the
resonator and the load capacitors must be placed as close as possible to the oscillator pins
to minimize output distortion and startup stabilization time. Refer to the crystal resonator
Table 42. 4-50 MHz HSE oscillator characteristics(1)
1. Evaluated by design - Not tested in production.
Symbol
Parameter
Operating conditions(2)
2. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
Min
Typ
Max
Unit
F
Oscillator frequency
-
4
-
50
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE) HSE current consumption
During startup(3)
3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time
--
10
mA
VDD = 3 V, Rm = 20 Ω,
CL = 10 pF at 4 MHz
-0.44
-
VDD = 3 V, Rm = 20 Ω,
CL = 10 pF at 8 MHz
-0.44
-
VDD = 3 V, Rm = 20 Ω,
CL = 10 pF at 16 MHz
-0.55
-
VDD = 3 V, Rm = 20 Ω,
CL = 10 pF at 32 MHz
-0.67
-
VDD = 3 V, Rm = 20 Ω,
CL = 10 pF at 48 MHz
-1.17
-
Gmcritmax Maximum critical crystal gm
Startup
-
-
1.5
mA/V
tSU(HSE)(4)
4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz
oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly
with the crystal manufacturer
Startup time
VDD is stabilized
-
2
-
ms
ai17530b
OSC_OU T
OSC_IN
fHSE
CL1
RF
STM32
8 MHz
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
REXT(1)
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com