Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 125Page - STMicroelectronics STM32H562II Datasheet HTML 126Page - STMicroelectronics STM32H562II Datasheet HTML 127Page - STMicroelectronics STM32H562II Datasheet HTML 128Page - STMicroelectronics STM32H562II Datasheet HTML 129Page - STMicroelectronics STM32H562II Datasheet HTML 130Page - STMicroelectronics STM32H562II Datasheet HTML 131Page - STMicroelectronics STM32H562II Datasheet HTML 132Page - STMicroelectronics STM32H562II Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 270 page
background image
DS14258 Rev 5
129/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.2
VCAP external capacitor
The stabilization for the embedded LDO regulator is achieved by connecting an external
capacitor CEXT (whose value is specified in Table 22) to the VCAPx (one or two pins,
depending upon the package). Two external capacitors must be connected to VCAP pins
(refer to AN5711 “STM32H5 Series hardware development”).
Figure 22. External capacitor CEXT
ftim_ker_ck
TIM[1:8], TIM[12:17]
250
200
150
100
MHz
TIM6/17
6464
6464
frng_clk
RNG
5050
5050
fsai_a_ker_ck
SAI1/2
250
200
150
100
fsai_b_ker_ck
fspi_ker_ck
SPI(I2S)1,2,3
125
100
75
50
SPI4,5,6
125
100
75
50
flpuart_ker_ck
LPUART1
250
200
150
100
fusart_ker_ck
USART/UART
250
200
150
100
fusb_ker_ck
USB FS
50
50
50
50
fadc_ker_ck_input ADC
250
200
150
100
fadc_ker_ck(3)
ADC
125
100
75
50
fdac_ker_ck
DAC
250
200
150
100
fucpd_ker_ck
USBPD
64
64
64
64
frtc_ker_ck
RTC
1
1
1
1
-
DCMI
250
200
150
100
1. Specified by design - Not tested in production.
2. The maximum kernel clock frequencies can be limited by the maximum peripheral clock frequency
(refer to each peripheral electrical characteristics).
3. This maximum kernel clock frequency does not consider the maximum ADC clock frequency (refer to
Table 95).
Table 21. Maximum allowed clock frequencies (continued)
Symbol(1)(2)
Parameter
VOS0
VOS1
VOS2
VOS3
Unit
MS19044V2
ESR
R Leak
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com