Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 60 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
60
T89C51RD2
4243G–8051–05/03
Functional Description
Figure 23. Bootloader Functional Description
On the above diagram, the on-chip bootloader processes are:
•
ISP Communication Management
The purpose of this process is to manage the communication and its protocol between
the on-chip bootloader and a external device. The on-chip ROM implement a serial pro-
tocol (see section Bootloader Protocol). This process translate serial communication
frame (UART) into Flash memory acess (read, write, erase ...).
•
User Call Management
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
through a common interface (API calls), included in the ROM bootloader. The program-
ming functions are selected by setting up the microcontroller’s registers before making a
call to a common entry point (0xFFF0). Results are returned in the registers. The pur-
pose on this process is to translate the registers values into internal Flash Memory
Management.
•
Flash Memory Management
This process manages low level access to Flash memory (performs read and write
access).
ISP Communication
Management
User
Application
Specific Protocol
Communication
Management
Flash
Memory
Exernal Host with
Flash Memory
User Call
Management (API )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com