Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 27 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 23Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 24Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 25Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 26Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 27Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 28Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 29Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 30Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
27
T89C51RD2
4243G–8051–05/03
•
The last bit in the register ECOM (CCAPMn.6) when set enables the comparator
function.
Table 13 shows the CCAPMn settings for the various PCA functions.
.
Table 12. CCAPMn: PCA Modules Compare/Capture Control Registers
Table 13. PCA Module Modes (CCAPMn Registers)
CCAPMn
Address
n = 0 - 4
CCAPM0=0DAH
CCAPM1=0DBH
CCAPM2=0DCH
CCAPM3=0DDH
CCAPM4=0DEH
-
ECO
Mn
CAPP
n
CAPN
n
MATn
TOGn
PWM
m
ECCF
n
Reset value
X
0
0
0
0
0
0
0
Symbol
Function
-
Not implemented, reserved for future use. (1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new features. In that case, the reset or inactive value of the
new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
ECOMn
Enable Comparator. ECOMn = 1 enables the comparator function.
CAPPn
Capture Positive, CAPPn = 1 enables positive edge capture.
CAPNn
Capture Negative, CAPNn = 1 enables negative edge capture.
MATn
Match. When MATn = 1, a match of the PCA counter with this module’s compare/capture
register causes the CCFn bit in CCON to be set, flagging an interrupt.
TOGn
Toggle. When TOGn = 1, a match of the PCA counter with this module’s compare/capture
register causes the CEXn pin to toggle.
PWMn
Pulse Width Modulation Mode. PWMn = 1 enables the CEXn pin to be used as a pulse
width modulated output.
ECCFn
Enable CCF interrupt. Enables compare/capture flag CCFn in the CCON register to
generate an interrupt.
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function
00
000
00
No Operation
X
1
000
0
X
16-bit capture by a positive-edge
trigger on CEXn
X
0
100
0
X
16-bit capture by a negative trigger
on CEXn
X
1
100
0
X
16-bit capture by a transition on
CEXn
10
010
0
X
16-bit Software Timer / Compare
mode.
1
0
0
1
1
0
X
16-bit High Speed Output
10
000
10
8-bit PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com