Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
13
T89C51RD2
4243G–8051–05/03
Dual Data Pointer
Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code
size.
The dual DPTR structure is a way by which the chip will specify the address of an exter-
nal data memory location. There are two 16-bit DPTR registers that address the external
memory, and a single bit called
DPS = AUXR1/bit0 (See Table 5.) that allows the program code to switch between them
(Refer to Figure 3).
Figure 3. Use of Dual Pointer
Table 5. AUXR1: Auxiliary Register 1
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1
AUXR1
Address 0A2H
-
---
GF3
0
-
DPS
Reset value
X
X
X
X
0
0
X
0
Symbol
Function
-
Not implemented, reserved for future use.
(1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new feature. In that case, the reset value of the new bit will
be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
2. Bit 2 stuck at 0; this allows to use INC AUXR1 to toggle DPS without changing GF3.
DPS
Data Pointer Selection.
DPS
Operating Mode
0DPTR0 Selected
1DPTR1 Selected
GF3
This bit is a general purpose user flag
(2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com