Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 67Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
64
T89C51RD2
4243G–8051–05/03
Functional Description
Configuration and
Manufacturer Information
The table below lists Configuration and Manufacturer byte information used by the boot-
loader. This information can be accessed through a set of API or ISP commands.
Software Security Bits (SSB)
The SSB protects any Flash access from ISP command.
The command "Program Software Security bit" can only write a higher priority level.
There are three levels of security:
•
level 0: NO_SECURITY (FFh)
This is the default level.
From level 0, one can write level 1 or level 2.
•
level 1: WRITE_SECURITY (10h )
For this level it is impossible to write in the Flash memory, BSB and SBV.
The Bootloader returns ’P’ on write access.
From level 1, one can write only level 2.
•
level 2: RD_WR_SECURITY (00h
The level 2 forbids all read and write accesses to/from the Flash/EEPROM memory.
The Bootloader returns ’L’ on read or write access.
Only a full chip erase in parallel mode (using a programmer) or ISP command can reset
the software security bits.
From level 2, one cannot read and write anything.
Table 38. Software Security Byte Behavior
Mnemonic
Description
Default Value
BSB
Boot Status Byte
FFh
SBV
Software Boot Vector
FCh
SSB
Software Security Byte
FFh
Manufacturer Id
58h
Id1: Family code
D7h
Id2: Product Name
FCh
Id3: Product Revision
FFh
Level 0
Level 1
Level 2
Flash/EEPROM
Any access allowed
Read only access allowed
Any access not allowed
Fuse Bit
Any access allowed
Read only access allowed
Any access not allowed
BSB & SBV
Any access allowed
Read only access allowed
Any access not allowed
SSB
Any access allowed
Write level 2 allowed
Read only access allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com