Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 92 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 88Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 89Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 90Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 91Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 92Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 93Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 94Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 95Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
92
T89C51RD2
4243G–8051–05/03
Flash EEPROM Programming
and Verification Waveforms
External Clock Drive
Characteristics (XTAL1)
External Clock Drive
Waveforms
AC Testing Input/Output
Waveforms
T
EHAZ
ALE/PROG
T
AVGL
T
DVGL
P0
P1.0-P1.7
P2.0-P2.4
P3.4-P3.5
CONTROL
SIGNALS
(ENABLE)
ADDRESS
DATA IN
T
GHAX
T
GHDX
T
GLGH
ADDRESS
DATA OUT
T
AVQV
TELQV
T
EHQZ
PROGRAMMING
VERIFICATION
Table 54. AC Parameters
Symbol
Parameter
Min
Max
Units
T
CLCL
Oscillator Period
25
ns
T
CHCX
High Time
5
ns
T
CLCX
Low Time
5
ns
T
CLCH
Rise Time
5ns
T
CHCL
Fall Time
5ns
T
CHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
V
CC-0.5V
0.45V
0.7VCC
0.2V
CC-0.1
TCHCL
T
CLCX
T
CLCL
TCLCH
T
CHCX
INPUT/OUTPUT
0.2 V
CC + 0.9
0.2 V
CC - 0.1
V
CC -0.5 V
0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com