Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
49
T89C51RD2
4243G–8051–05/03
Reduced EMI Mode
The ALE signal is used to demultiplex address and data buses on port 0 when used with
external program or data memory. Nevertheless, during internal code execution, ALE
signal is still generated. In order to reduce EMI, ALE signal can be disabled by setting
AO bit.
The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no
longer output but remains active during MOVX and MOVC instructions and external
fetches. During ALE disabling, ALE pin is weakly pulled high.
Table 31. AUXR Register
AUXR - Auxiliary Register (8Eh)
Reset Value = XX0X 1000b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
M0
-
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5M0
M0 bit: Pulse length in clock period
Stretch MOVX control: the RD/ and the WR/ pulse length is increased
according to the value of M0. see table 6
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3XRS1
XRS1 bit
XRAM size: Accessible size of the XRAM. See Table 6.
2XRS0
XRS0 bit
XRAM size: Accessible size of the XRAM. Table 6.
1EXTRAM
EXTRAM bit
See Table 6.
0AO
ALE Output bit
Clear to restore ALE operation during internal fetches.
Set to disable ALE operation during internal fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com