Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 59Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
63
T89C51RD2
4243G–8051–05/03
ISP Protocol Description
Physical Layer
The UART used to transmit information has the following configuration:
•
Character: 8-bit data
•
Parity: none
•
Stop: 1 bit
•
Flow control: none
•
Baud rate: autobaud is performed by the bootloader to compute the baud rate
choosen by the host.
Frame Description
The Serial Protocol is based on the Intel Hex-type records.
Intel Hex records consist of ASCII characters used to represent hexadecimal values and
are summarized below.
Table 37. Intel Hex Type Frame
•
Record Mark:
–
Record Mark is the start of frame. This field must contain ’:’.
•
Reclen:
–
Reclen specifies the number of Bytes of information or data which follows
the Record Type field of the record.
•
Load Offset:
–
Load Offset specifies the 16-bit starting load offset of the data Bytes,
therefore this field is used only for
–
Data Program Record (see Section “ISP Commands Summary”).
•
Record Type:
–
Record Type specifies the command type. This field is used to interpret the
remaining information within the frame. The encoding for all the current
record types is described in Section “ISP Commands Summary”.
•
Data/Info:
–
Data/Info is a variable length field. It consists of zero or more Bytes encoded
as pairs of hexadecimal digits. The meaning of data depends on the Record
Type.
•
Checksum:
–
The two’s complement of the 8-bit Bytes that result from converting each pair
of ASCII hexadecimal digits to one Byte of binary, and including the Reclen
field to and including the last Byte of the Data/Info field. Therefore, the sum
of all the ASCII pairs in a record after converting to binary, from the Reclen
field to and including the Checksum field, is zero.
Record Mark ‘:’
Reclen
Load Offset
Record Type
Data or Info
Checksum
1 byte
1 byte
2 bytes
1 bytes
n byte
1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com