Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 17Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 18Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 19Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 20Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 21Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
18
T89C51RD2
4243G–8051–05/03
Timer 2
The timer 2 in the T89C51RD2 is compatible with the timer 2 in the 80C52.
It is a 16-bit timer/counter: the count is maintained by two eight-bit timer registers, TH2
and TL2, connected in cascade. It is controlled by T2CON register (See Table 8) and
T2MOD register (See Table 9). Timer 2 operation is similar to Timer 0 and Timer 1. C/T2
selects F
OSC/12 (timer operation) or external pin T2 (counter operation) as the timer
clock input. Setting TR2 allows TL2 to be incremented by the selected input.
Timer 2 has 3 operating modes: capture, autoreload and Baud Rate Generator. These
modes are selected by the combination of RCLK, TCLK and CP/RL2 (T2CON), as
described in the ATMEL Wireless and Micrcontrollers 8-bit Microcontroller Hardware
description.
Refer to the ATMEL Wireless and Micrcontrollers 8-bit Microcontroller Hardware
description for the description of Capture and Baud Rate Generator Modes.
In T89C51RD2 Timer 2 includes the following enhancements:
•
Auto-reload mode with up or down counter
•
Programmable clock-output
Auto-Reload Mode
The auto-reload mode configures timer 2 as a 16-bit timer or event counter with auto-
matic reload. If DCEN bit in T2MOD is cleared, timer 2 behaves as in 80C52 (refer to the
ATMEL Wireless and Micrcontrollers 8-bit Microcontroller Hardware description). If
DCEN bit is set, timer 2 acts as an Up/down timer/counter as shown in Figure 5. In this
mode the T2EX pin controls the direction of count.
When T2EX is high, timer 2 counts up. Timer overflow occurs at FFFFh which sets the
TF2 flag and generates an interrupt request. The overflow also causes the 16-bit value
in RCAP2H and RCAP2L registers to be loaded into the timer registers TH2 and TL2.
When T2EX is low, timer 2 counts down. Timer underflow occurs when the count in the
timer registers TH2 and TL2 equals the value stored in RCAP2H and RCAP2L registers.
The underflow sets TF2 flag and reloads FFFFh into the timer registers.
The EXF2 bit toggles when timer 2 overflows or underflows according to the the direc-
tion of the count. EXF2 does not generate any interrupt. This bit can be used to provide
17-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com