Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 42 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 38Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 39Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 40Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 41Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 42Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 43Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 44Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
42
T89C51RD2
4243G–8051–05/03
Power Management
Two power reduction modes are implemented in the T89C51RD2: the Idle mode and the
Power-down mode. These modes are detailed in the following sections. In addition to
these power reduction modes, the clocks of the core and peripherals can be dynamically
divided by 2 using the X2 mode detailed in Section “X2 Feature”.
Reset
In order to start-up (cold reset) or to restart (warm reset) properly the microcontroller, an
high level has to be applied on the RST pin. A bad level leads to a wrong initialization of
the internal registers like SFRs, Program Counter… and to unpredictable behavior of
the microcontroller. A proper device reset initializes the T89C51RD2 and vectors the
CPU to address 0000h. RST input has a pull-down resistor allowing power-on reset by
simply connecting an external capacitor to V
DD as shown in Figure 17. A warm reset can
be applied either directly on the RST pin or indirectly by an internal reset source such as
the watchdog timer. Resistor value and input characteristics are discussed in the Sec-
tion “DC Characteristics” of the T89C51RD2 datasheet.
Figure 17. Reset Circuitry and Power-On Reset
Cold Reset
2 conditions are required before enabling a CPU start-up:
•
V
DD must reach the specified VDD range
•
The level on X1 input pin must be outside the specification (V
IH, VIL)
If one of these 2 conditions are not met, the microcontroller does not start correctly and
can execute an instruction fetch from anywhere in the program space. An active level
applied on the RST pin must be maintained till both of the above conditions are met. A
reset is active when the level V
IH1 is reached and when the pulse width covers the
period of time where V
DD and the oscillator are not stabilized. 2 parameters have to be
taken into account to determine the reset pulse width:
•
V
DD rise time,
•
Oscillator startup time.
To determine the capacitor value to implement, the highest value of these 2 parameters
has to be chosen. Table 26 gives some capacitor values examples for a minimum R
RST
of 50 K
Ω and different oscillator startup and V
DD rise times.
RST
VSS
To CPU Core
and Peripherals
RST
VDD
+
Power-on Reset
RST input circuitry
P
VDD
From Internal
Reset Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com