Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
53
T89C51RD2
4243G–8051–05/03
Flash EEPROM Memory
General Description
The Flash memory increases EPROM and ROM functionality with in-circuit electrical
erasure and programming. It contains 64K bytes of program memory organized in 512
pages of 128 bytes. This memory is both parallel and serial In-System Programmable
(ISP). ISP allows devices to alter their own program memory in the actual end product
under software control. A default serial loader (bootloader) program allows ISP of the
Flash.
The programming does not require 12v external programming voltage. The necessary
high programming voltage is generated on-chip using the standard V
CC pins of the
microcontroller.
Features
•
Flash E2PROM internal program memory.
•
The last 1K bytes of the Flash is used to store the low-level in-system programming
routines and a default serial loader. If the application does not need to use the ISP
and does not expect to modify the Flash content, the Boot Flash sector can be
erased to provide access to the full 64K byte Flash memory.
•
Boot vector allows user provided Flash loader code to reside anywhere in the Flash
memory space. This configuration provides flexibility to the user.
•
Default loader in Boot Flash allows programming via the serial port without the need
of a user provided loader.
•
Up to 64K byte external program memory if the internal program memory is disabled
(EA = 0).
•
Programming and erase voltage with standard 5V or 3V V
CC supply.
•
Read/Programming/Erase:
•
Byte-wise read (without wait state).
•
Byte or page erase and programming (10 ms).
•
Typical programming time (63K bytes) in 20 s.
•
Parallel programming with 87C51 compatible hardware interface to programmer.
•
Programmable security for the code in the Flash.
•
100k write cycles
•
10 years data retention
Flash Programming and
Erasure
The 64K bytes Flash is programmed by bytes or by pages of 128 bytes. It is not neces-
sary to erase a byte or a page before programming. The programming of a byte or a
page includes a self erase before programming.
There are three methods to program the Flash memory:
•
First, the on-chip ISP bootloader may be invoked which will use low level routines to
program the pages. The interface used for serial downloading of Flash is the UART.
•
Second, the Flash may be programmed or erased in the end-user application by
calling low-level routines through a common entry point in the Boot loader.
•
Third, the Flash may be programmed using the parallel method by using a
conventional EPROM programmer. The parallel programming method used by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com