Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 17Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 18Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 19Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 20Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
17
T89C51RD2
4243G–8051–05/03
Table 7. Auxiliary Register (08EH)
AUXR
Address 08EH
-
-
M0
-
XRS1
XRS0
EXTRA
M
AO
Reset value
X
X
0
X
1
0
0
0
Symbol
Function
-
Not implemented, reserved for future use.
(1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new features. In that case, the reset or inactive value of the
new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
AO
Disable/Enable ALE
AO
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if X2
mode is used)
1
ALE is active only during a MOVX or MOVC instruction
EXTRAM
Internal/External RAM (00H-FFH) access using MOVX @ Ri/ @ DPTR
EXTRAM
Operating Mode
0
Internal XRAM access using MOVX @ Ri/ @ DPTR
1
External data memory access
XRS0
XRS1
XRAM size: Accessible size of the XRAM
XRS1:0
XRAM size
0 0
256 bytes
0 1
512 bytes
1 0
768 bytes (default)
1 1
1024 bytes
M0
Stretch MOVX control: the RD/ and the WR/ pulse length is increased according to the
value of M0
M0
Pulse length in clock period
06
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com