Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 79 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 75Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 76Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 77Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 78Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 79Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 80Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 81Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 82Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
79
T89C51RD2
4243G–8051–05/03
Figure 32. Programming and Verification Signal’s Waveform
Extra Memory Mapping
The memory mapping the T89C51RD2 software registers in the Extra Flash memory is
described in the table below.
All other addresses are reserved
Control signals
Data In
ALE/PROG
A0-A15
Programming Cycle
D0-D7
EA
Data Out
Read/Verify Cycle
5V
0V
P2.7
48 clk (load latch ) or 10 ms (write) or 100 ms (erase)
Table 42. Extra Row Memory Mapping (XAF)
Address
Default content
Copy of device ID #3
0061h
FFh
Copy of device ID #2
0060h
FCh
Copy of device ID #1
0031h
D7h
Copy of Manufacturer Code:
ATMEL
0030h
58h
Software Security Byte (level 1 by
default)
0005h
FFh
Copy of HSB (level 4 by default
and BLJB = 0)
0004h
18h or 1Bh
Software Boot Vector
0001h
FCh
Boot Status Byte
0000h
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com