Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 71Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 72Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 73Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 74Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 75Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 76Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 77Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 78Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
75
T89C51RD2
4243G–8051–05/03
Flash Parallel
Programming
Signature Bytes
Four hardware read only registers have to be accessed with parallel static test modes
(mode TMS) in order to control the Flash parallel programmimg:
•
Manufacturer code
•
Device ID # 1: Family code
•
Device ID # 2: Memories size and type
•
Device ID # 3: Name and revision
As these registers can only be accessed by hardware, they must be read by the parallel
programmers and then copied in the XAF in order to make their values accessible by
software (ISP or API).
Set-up modes Configuration
In order to program and verify the Flash or to read the signature bytes, the T89C51RD2
is placed in specific set-up modes. (See Figure 31.)
Figure 31. Set-Up Modes Configuration
Definition of Terms
Address Lines:P1.0-P1.7, P2.0-P2.5, P3.4-P3.5, respectively for A0-A15.
Data Lines:P0.0-P0.7 for D0-D7
Control Signals:RST, PSEN, P2.6, P2.7, P3.2, P3.3, P3.6, P3.7.
Program Signals: ALE/PROG, EA
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.5
VSS
GND
D0-D7
A0-A7
A8-A13
RST
EA
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL
SIGNALS*
PROGRAM
SIGNALS*
P3.4
A14
P3.5
A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com