Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 55 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 57Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 58Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
55
T89C51RD2
4243G–8051–05/03
Boot Loader Lock Bit (BLLB)
One bit of the HSB is used to secure by hardware the internal boot loader sector against
software reprogramming.
When the BLLB is cleared, any attempt to write in the boot loader segment (Address
FC00h to FFFFh) will have no effect. This protection applies for software writing only.
Boot Loader Jump Bit (BLJB)
One bit of the HSB, the BLJB bit, is used to force the boot address:
•
When this bit is set the boot address is 0000h.
•
When this bit is reset the boot address is FC03h. By default, this bit is cleared and
the ISP is enabled.
Flash memory lock bits
The three lock bits provide different levels of protection for the on-chip code and data,
when programmed according to Table 29.
7654
321
0
SB
BLJB
BLLB
-
-
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7SB
Safe Bit
This bit must be cleared to secure the content of the HSB. Only security level can
be increased.
6BLJB
Boot loader Jump Bit
Set to force hardware boot address at 0000h. (unless previously force by hardware
conditions as described in the chapter 9.6).
Clear to force hardware boot address at FC03h (default).
5
BLLB
Boot loader Lock Bit
Set to allow programming and writing of the boot loader segment.
Clear to forbid software programming and writing of the boot loader segment
(default). This protection protect only ISP or IAP access; protection through parallel
access is done globally by the lock bits LB2-0.
4-
Reserved
Do not clear this bit.
3-
Reserved
Do not clear this bit.
2-0
LB2-0
User Memory Lock Bits
See Table 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com