Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 43 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 39Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 40Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 41Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 42Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 43Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 44Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
43
T89C51RD2
4243G–8051–05/03
Table 26. Minimum Reset Capacitor Value for a 50 k
Ω Pull-down Resistor(1)
Note:
These values assume V
DD starts from 0V to the nominal value. If the time between 2
on/off sequences is too fast, the power-supply de-coupling capacitors may not be fully
discharged, leading to a bad reset sequence.
Warm Reset
To achieve a valid reset, the reset signal must be maintained for at least 2 machine
cycles (24 oscillator clock periods) while the oscillator is running. The number of clock
periods is mode independent (X2 or X1).
Watchdog Reset
As detailed in Section “Watchdog Timer”, the WDT generates a 96-clock period pulse
on the RST pin. In order to properly propagate this pulse to the rest of the application in
case of external capacitor or power-supply supervisor circuit, a 1 k
Ω resistor must be
added as shown Figure 18.
Figure 18. Reset Circuitry for WDT Reset-out Usage
Oscillator
Start-Up Time
VDD Rise Time
1 ms
10 ms
100 ms
5 ms
820 nF
1.2 µF
12 µF
20 ms
2.7 µF
3.9 µF
12 µF
RST
VSS
To CPU Core
and Peripherals
VDD
+
P
VDD
From WDT
Reset Source
VSS
VDD
RST
1K
To Other
On-board
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com