Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 48 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 44Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
48
T89C51RD2
4243G–8051–05/03
ONCE(TM) Mode (ON Chip
Emulation)
The ONCE mode facilitates testing and debugging of systems using T89C51RD2 with-
out removing the circuit from the board. The ONCE mode is invoked by driving certain
pins of the T89C51RD2; the following sequence must be exercised:
•
Pull ALE low while the device is in reset (RST high) and PSEN is high.
•
Hold ALE low as RST is deactivated.
While the T89C51RD2 is in ONCE mode, an emulator or test CPU can be used to drive
the circuit. Table 30. shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 30. External Pin Status during ONCE Mode
(a) "Once" is a registered trademark of Intel Corporation.
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
XTAL1/2
Weak pull-up
Weak pull-up
Float
Weak pull-up
Weak pull-up
Weak pull-up
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com