Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 19Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 20Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 21Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 22Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 23Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 24Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 25Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 26Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
23
T89C51RD2
4243G–8051–05/03
Programmable Counter
Array PCA
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of five compare/ capture modules. Its clock input can be programmed to count
any one of the following signals:
•
Oscillator frequency
÷ 12 (÷ 6 in X2 mode)
•
Oscillator frequency
÷ 4 (÷ 2 in X2 mode)
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
•
rising and/or falling edge capture,
•
software timer,
•
high-speed output, or
•
pulse width modulator.
Module 4 can also be programmed as a watchdog timer (See Section "PCA Watchdog
Timer", page 32).
When the compare/capture modules are programmed in the capture mode, software
timer, or high speed output mode, an interrupt can be generated when the module exe-
cutes its function. All five modules plus the PCA timer overflow share one interrupt
vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O.
These pins are listed below. If one or several bits in the port are not used for the PCA,
they can still be used for standard I/O.
The PCA timer is a common time base for all five modules (See Figure 7). The timer
count source is determined from the CPS1 and CPS0 bits in the CMOD SFR (See
Table 10) and can be programmed to run at:
•
1/12 the oscillator frequency. (Or 1/6 in X2 Mode)
•
1/4 the oscillator frequency. (Or 1/2 in X2 Mode)
•
The Timer 0 overflow
•
The input on the ECI pin (P1.2)
PCA component
External I/O Pin
16-bit Counter
P1.2 / ECI
16-bit Module 0
P1.3 / CEX0
16-bit Module 1
P1.4 / CEX1
16-bit Module 2
P1.5 / CEX2
16-bit Module 3
P1.6 / CEX3
16-bit Module 4
P1.7 / CEX4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com