Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 67 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 67Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 68Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 69Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 70Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
67
T89C51RD2
4243G–8051–05/03
Autobaud Performances
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
feature requires that an initial character (an uppercase U) be sent to the T89C51RD2 to
establish the baud rate. Table 39 shows the autobaud capability.
Table 39. Autobaud Performances (Bootloader Revision 2.4)
Frequency (MHz)
Baudrate (bit/s)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
8
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
-
9600
OK
OK
OK
OK
OK
OK
-
OK
OK
OK
19200
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
38400
-
OK
-
-
OK
OK
OK
OK
OK
OK
57600
-
-
-
-
OK
-
-
-
OK
-
115200
-
----
-
-
-
OK
-
Frequency (MHz)
Baudrate (bit/s)
10
11.0592
12
14.318
14.746
16
20
24
26.6
32
4800
OK
OK
OK
OK
OK
-
-
-
-
-
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
-
19200
-
OK
OK
OK
OK
OK
OK
OK
OK
OK
38400
OK
OK
OK
OK
OK
OK
OK
OK
57600
-
OK
-
OK
OK
OK
OK
OK
OK
115200
-
OK
-
OK
-
-
-
-
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com