Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 28 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 24Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 25Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 26Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 27Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 28Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 29Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 30Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 31Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
28
T89C51RD2
4243G–8051–05/03
There are two additional registers associated with each of the PCA modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output (See Table 14 &
Table 15)
Table 14. CCAPnH: PCA Modules Capture/Compare Registers High
Table 15. CCAPnL: PCA Modules Capture/Compare Registers Low
Table 16. CH: PCA Counter High
Table 17. CL: PCA Counter Low
1
0
0
1
X
0
X
Watchdog Timer (module 4 only)
CCAPnH
Address
n = 0 - 4
CCAP0H=0FAH
CCAP1H=0FBH
CCAP2H=0FCH
CCAP3H=0FDH
CCAP4H=0FEH
765432
10
Reset value
0
0
0
0
0
0
0
0
CCAPnL
Address
n = 0 - 4
CCAP0L=0EAH
CCAP1L=0EBH
CCAP2L=0ECH
CCAP3L=0EDH
CCAP4L=0EEH
765432
10
Reset value
0
0
0
0
0
0
0
0
CH
Address 0F9H
765432
10
Reset value
0
0
0
0
0
0
0
0
CL
Address 0E9H
765432
10
Reset value
0
0
0
0
0
0
0
0
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMm
ECCFn
Module Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com