Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RD2-RDTIL Datasheet(PDF) 91 Page - ATMEL Corporation

Part # T89C51RD2-RDTIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-RDTIL Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button T89C51RD2-RDTIL Datasheet HTML 87Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 88Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 89Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 90Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 91Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 92Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 93Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 94Page - ATMEL Corporation T89C51RD2-RDTIL Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
91
T89C51RD2
4243G–8051–05/03
Shift Register Timing
Waveforms
Flash EEPROM Programming
and Verification
Characteristics
TA = 21
°C to 27°C; V
SS = 0V; VCC = 5V ± 10%.
Table 52. AC Parameters for a Variable Clock
Symbol
Type
Standard Clock
X2 Clock
X parameter for -
M range
X parameter for -
L range
Units
T
XLXL
Min
12 T
6 T
ns
T
QVHX
Min
10 T - x
5 T - x
50
50
ns
T
XHQX
Min
2 T - x
T - x
20
20
ns
T
XHDX
Min
x
x
0
0
ns
T
XHDV
Max
10 T - x
5 T- x
133
133
ns
VALID
VALID
INPUT DATA
VALID
VALID
01
23
45
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
T
XLXL
TQVXH
TXHQX
T
XHDV
TXHDX
SET TI
SET RI
INSTRUCTION
01
2
345
67
VALID
VALID
VALID
VALID
Table 53. Flash Programming Parameters
Symbol
Parameter
Min
Max
Units
1/T
CLCL
Oscillator Frquency
4
6
MHz
T
EHAZ
Control to address float
48 T
CLCL
T
AVGL
Address Setup to PROG Low
48 T
CLCL
T
GHAX
Adress Hold after
PROG
48 T
CLCL
T
DVGL
Data Setup to PROG Low
48 T
CLCL
T
GHDX
Data Hold after PROG
48 T
CLCL
T
GLGH
PROG Width for PGMC and PGXC*
10
20
ms
T
GLGH
PROG Width for PGML
48 T
CLCL
T
AVQV
Address to Valid Data
48 T
CLCL
T
ELQV
ENABLE Low to Data Valid
48 T
CLCL
T
EHQZ
Data Float after ENABLE
0
48 T
CLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com