Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 225Page - STMicroelectronics STM32H562II Datasheet HTML 226Page - STMicroelectronics STM32H562II Datasheet HTML 227Page - STMicroelectronics STM32H562II Datasheet HTML 228Page - STMicroelectronics STM32H562II Datasheet HTML 229Page - STMicroelectronics STM32H562II Datasheet HTML 230Page - STMicroelectronics STM32H562II Datasheet HTML 231Page - STMicroelectronics STM32H562II Datasheet HTML 232Page - STMicroelectronics STM32H562II Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 270 page
background image
DS14258 Rev 5
229/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
SAI characteristics
Unless otherwise specified, the parameters given in Table 121 are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
I/O compensation cell activated
•
Measurement points are done at CMOS levels: 0.5 VDD
•
VOS level set to VOS0
Refer to Section 5.3.15 for more details on the input/output alternate function characteristics
(SCK, SD, WS).
RDCP_DAT
Dedicated charging port resistance
across D+/D-
-
-
-
200
Ω
VLGC_HI
Logic high
-
2.0
-
3.6
V
VLGC_LOW
Logic low
-
-
-
0.8
VLGC
Logic threshold
-
0.8
-
2.0
VDAT_REF
Data detect voltage
-
0.25
-
0.4
VDP_SRC
D+ source voltage
-
0.5
-
0.7
VDM_SRC
D- source voltage
-
0.5
-
0.7
IDP_SINK
D+ sink current
-
25
-
175
μA
IDM_SINK
D- sink current
-
25
-
175
1. Specified by design - Not tested in production.
Table 120. USB BCD DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 121. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
SAI main clock output
-
-
50
MHz
fCK
SAI clock frequency
Master transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
38
Master transmitter, 1.71 V ≤ VDD ≤ 3.6 V
-
38
Master receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
38
Slave transmitter, 2.7 V ≤ VDD ≤ 3.6 V
-
34
Slave transmitter, 1.71 V ≤ VDD ≤ 3.6 V
-
33
Slave receiver, 1.71 V ≤ VDD ≤ 3.6 V
-
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com