Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 178Page - STMicroelectronics STM32H562II Datasheet HTML 179Page - STMicroelectronics STM32H562II Datasheet HTML 180Page - STMicroelectronics STM32H562II Datasheet HTML 181Page - STMicroelectronics STM32H562II Datasheet HTML 182Page - STMicroelectronics STM32H562II Datasheet HTML 183Page - STMicroelectronics STM32H562II Datasheet HTML 184Page - STMicroelectronics STM32H562II Datasheet HTML 185Page - STMicroelectronics STM32H562II Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
182/270
DS14258 Rev 5
Table 76. Asynchronous multiplexed PSRAM/NOR write timings(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4 Tfmc_ker_ck -1
4 Tfmc_ker_ck +1
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
Tfmc_ker_ck - 1
Tfmc_ker_ck +0.5
tw(NWE)
FMC_NWE low time
2 Tfmc_ker_ck - 1 2 Tfmc_ker_ck + 1
th(NE_NWE)
FMC_NWE high to FMC_NE high hold
time
Tfmc_ker_ck - 0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0.5
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck - 1
Tfmc_ker_ck + 1
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high
Tfmc_ker_ck - 1
-
th(A_NWE)
Address hold time after FMC_NWE high
Tfmc_ker_ck - 1
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
Tfmc_ker_ck - 1
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
tv(Data_NADV) FMC_NADV high to Data valid
-
Tfmc_ker_ck + 0.5
th(Data_NWE) Data hold time after FMC_NWE high
Tfmc_ker_ck - 0.5
-
Table 77. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. Evaluated by characterization - Not tested in production.
2. NWAIT pulse width is equal to one fmc_ker_ck cycle.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9 Tfmc_ker_ck - 1 9 Tfmc_ker_ck + 1
ns
tw(NWE)
FMC_NWE low time
7 Tfmc_ker_ck -1 7 Tfmc_ker_ck + 1
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high 5 Tfmc_ker_ck + 10
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
4 Tfmc_ker_ck + 10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com