Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562II Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32H562II
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 111Page - STMicroelectronics STM32H562II Datasheet HTML 112Page - STMicroelectronics STM32H562II Datasheet HTML 113Page - STMicroelectronics STM32H562II Datasheet HTML 114Page - STMicroelectronics STM32H562II Datasheet HTML 115Page - STMicroelectronics STM32H562II Datasheet HTML 116Page - STMicroelectronics STM32H562II Datasheet HTML 117Page - STMicroelectronics STM32H562II Datasheet HTML 118Page - STMicroelectronics STM32H562II Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 270 page
background image
D
PD0
UART4_RX
FDCAN1_RX
-
UART9_CTS
FMC_D2/FMC_AD2
-
-
EVENTOUT
PD1
UART4_TX
FDCAN1_TX
-
-
FMC_D3/FMC_AD3
-
-
EVENTOUT
PD2
UART5_RX
-
-
-
SDMMC1_CMD
DCMI_D11/PSSI_D11
LPTIM4_ETR
EVENTOUT
PD3
-
-
-
-
FMC_CLK
DCMI_D5/PSSI_D5
-
EVENTOUT
PD4
-
-
OCTOSPI1_IO4
-
FMC_NOE
-
-
EVENTOUT
PD5
-
FDCAN1_TX
OCTOSPI1_IO5
-
FMC_NWE
-
-
EVENTOUT
PD6
-
-
OCTOSPI1_IO6
SDMMC2_CK
FMC_NWAIT
DCMI_D10/PSSI_D10
-
EVENTOUT
PD7
-
-
OCTOSPI1_IO7
SDMMC2_CMD
FMC_NE1/
FMC_NCE
-
LPTIM4_OUT
EVENTOUT
PD8
-
-
-
-
FMC_D13/
FMC_AD13
-
-
EVENTOUT
PD9
-
FDCAN2_RX
-
-
FMC_D14/
FMC_AD14
-
-
EVENTOUT
PD10
-
-
-
-
FMC_D15/
FMC_AD15
-
-
EVENTOUT
PD11
UART4_RX
OCTOSPI1_IO0
SAI2_SD_A
-
FMC_A16/FMC_CLE
-
-
EVENTOUT
PD12
UART4_TX
OCTOSPI1_IO1
SAI2_FS_A
-
FMC_A17/FMC_ALE DCMI_D12/PSSI_D12
-
EVENTOUT
PD13
-
OCTOSPI1_IO3
SAI2_SCK_A
UART9_RTS/
UART9_DE
FMC_A18
DCMI_D13/PSSI_D13
LPTIM4_IN1
EVENTOUT
PD14
UART8_CTS
-
-
UART9_RX
FMC_D0/FMC_AD0
-
-
EVENTOUT
PD15
UART8_RTS/
UART8_DE
-
-
UART9_TX
FMC_D1/FMC_AD1
-
-
EVENTOUT
Table 16. Alternate functions AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/SAI2
/SDMMC1/SPI6
/UART4/5/8
FDCAN1/2/FMC
[NAND16)/FMC
[NORmux)/FMC
[NOR_RAM)/
OCTOSPI/
SDMMC2/TIM13/14
CRS/FMC[NAND
16)/OCTOSPI/S
AI2/SDMMC2/
TIM8/USB_PD
ETH[MII/RMII)/
FMC[NAND16)/
OCTOSPI/
SDMMC2/
UART7/9/USB_PD
FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
FMC[SDRAM_16bit)
/SDMMC1
DCMI/FMC[NAND16)/
FMC[NORmux)/
FMC[NOR_RAM)/
LPTIM5
LPTIM3/4/5/6/
TIM2/UART5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com