Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 57 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 53Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 54Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 55Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 56Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 57Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 58Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 59Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 60Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 276 page
background image
PS022815-0206
General-Purpose I/O
Z8 Encore! XP® 4K Series
Product Specification
38
Port C
PC0
Reserved
AFS1[0]: 0
ANA4/CINP/LED
Drive
ADC or Comparator Input, or LED drive
AFS1[0]: 1
PC1
Reserved
AFS1[1]: 0
ANA5/CINN/ LED
Drive
ADC or Comparator Input, or LED drive
AFS1[1]: 1
PC2
Reserved
AFS1[2]: 0
ANA6/LED/
VREF*
ADC Analog Input, LED Drive, or ADC
Voltage Reference
AFS1[2]: 1
PC3
COUT
Comparator Output
AFS1[3]: 0
LED
LED drive
AFS1[3]: 1
PC4
Reserved
AFS1[4]: 0
LED
LED Drive
AFS1[4]: 1
PC5
Reserved
AFS1[5]: 0
LED
LED Drive
AFS1[5]: 1
PC6
Reserved
AFS1[6]: 0
LED
LED Drive
AFS1[6]: 1
PC7
Reserved
AFS1[7]: 0
LED
LED Drive
AFS1[7]: 1
Note: Because there are at most two choices of alternate function for any pin of Port C, the Alternate
Function Set register AFS2 is not used to select the function. Also, alternate function selection as
described in
Port A–D Alternate Function Sub-Registers on page 42 must also be enabled.
* VREF is available on PC2 in 20-pin products only.
Table 15. Port Alternate Function Mapping (Continued)(Non 8-Pin Parts)
Port
Pin
Mnemonic
Alternate Function Description
Alternate
Function Set
Register AFS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com