Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 21Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 276 page
background image
PS022815-0206
Overview
Z8 Encore! XP® 4K Series
Product Specification
6
Low Battery Detector
The low battery detector (LVD) is able to generate an interrupt when the supply voltage
drops below a user-programmable level. The LVD is available on 8-pin devices only.
UART
The UART is full-duplex and capable of handling asynchronous data transfers. The UART
supports 8- and 9-bit data modes and selectable parity. The UART also supports multi-
drop address processing in hardware. The UART baud rate generator (BRG) can be config-
ured and used as a basic 16-bit timer.
Timers
Two enhanced 16-bit reloadable timers can be used for timing/counting events or for
motor control operations. These timers provide a 16-bit programmable reload counter and
operate in One-Shot, Continuous, Gated, Capture, Capture Restart, Compare, Capture and
Compare, PWM Single Output and PWM Dual Output modes.
Interrupt Controller
The Z8 Encore! XP® 4K Series products support up to 20 interrupts. These interrupts con-
sist of 8 internal peripheral interrupts and 12 general-purpose I/O pin interrupt sources.
The interrupts have 3 levels of programmable interrupt priority.
Reset Controller
The Z8 Encore! XP® 4K Series products can be reset using the RESET pin, power-on
reset, Watch-Dog Timer (WDT) time-out, STOP mode exit, or voltage brown-out (VBO)
warning signal. The RESET pin is bi-directional, meaning it functions as reset source as
well as a reset indicator.
On-Chip Debugger
The Z8 Encore! XP® 4K Series products feature an integrated on-chip debugger (OCD).
The OCD provides a rich set of debugging capabilities, such as reading and writing regis-
ters, programming Flash memory, setting breakpoints and executing code. A single-pin
interface provides communication to the OCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com