Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 82 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 82 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 78Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 79Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 80Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 81Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 82Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 83Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 84Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 86Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 276 page
background image
PS022815-0206
Timers
Z8 Encore! XP® 4K Series
Product Specification
63
Figure 9.Timer Block Diagram
Operation
The timers are 16-bit up-counters. Minimum time-out delay is set by loading the value
0001H
into the Timer Reload High and Low Byte registers and setting the prescale value
to 1. Maximum time-out delay is set by loading the value 0000H into the Timer Reload
High and Low Byte registers and setting the prescale value to 128. If the Timer reaches
FFFF
H
, the timer rolls over to 0000H and continues counting.
Timer Operating Modes
The timers can be configured to operate in the following modes:
ONE-SHOT Mode
In ONE-SHOT mode, the timer counts up to the 16-bit Reload value stored in the Timer
Reload High and Low Byte registers. The timer input is the system clock. Upon reaching
the Reload value, the timer generates an interrupt and the count value in the Timer High
and Low Byte registers is reset to 0001H. The timer is automatically disabled and stops
counting.
Also, if the Timer Output alternate function is enabled, the Timer Output pin changes state
for one system clock cycle (from Low to High or from High to Low) upon timer Reload. If
16-Bit
PWM/Compare
16-Bit Counter
with Prescaler
16-Bit
Reload Register
Timer
Control
Interrupt,
PWM,
and
Timer Output
Control
Timer
Timer Block
System
Timer
Data
Block
Output
Control
Bus
Clock
Input
Gate
Input
Capture
Input
Timer
Interrupt
Timer
Output
Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com