Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 276 page
background image
PS022815-0206
Low-Power Modes
Z8 Encore! XP® 4K Series
Product Specification
29
Low-Power Modes
Overview
The Z8 Encore! XP® 4K Series products contain power-saving features. The highest level
of power reduction is provided by the STOP mode. The next lower level of power reduc-
tion is provided by the HALT mode.
Further power savings can be implemented by disabling individual peripheral blocks
while in Active mode (defined as being in neither STOP nor HALT mode).
STOP Mode
Executing the eZ8 CPU’s STOP instruction places the device into STOP mode. In STOP
mode, the operating characteristics are:
• Primary crystal oscillator and internal precision oscillator are stopped; XIN and XOUT (if
previously enabled) are disabled, and PA0/PA1 revert to the states programmed by the
GPIO registers.
• System clock is stopped.
• eZ8 CPU is stopped.
• Program counter (PC) stops incrementing.
• Watch-Dog Timer’s internal RC oscillator continues to operate if enabled by the Oscillator
Control Register.
• If enabled, the Watch-Dog Timer logic continues to operate.
• If enabled for operation in STOP mode by the associated Flash Option Bit, the Voltage-
Brown Out protection circuit continues to operate.
• Low-power operational amplifier continues to operate if enabled by the Power Control
Register to do so.
• All other on-chip peripherals are idle.
To minimize current in STOP mode, all GPIO pins that are configured as digital inputs
must be driven to one of the supply rails (VCC or GND). Additionally, any GPIOs config-
ured as outputs should also be driven to one of the supply rails. The device can be brought
out of STOP mode using STOP Mode Recovery. For more information about STOP Mode
Recovery refer to Reset, STOP Mode Recovery and Low Voltage Detection on page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com