Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 52Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 53Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 54Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 55Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 56Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 57Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 58Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 276 page
background image
PS022815-0206
General-Purpose I/O
Z8 Encore! XP® 4K Series
Product Specification
36
Table 15. Port Alternate Function Mapping (Non 8-Pin Parts)
Port
Pin
Mnemonic
Alternate Function Description
Alternate
Function Set
Register AFS1
Port A
PA0
T0IN/T0OUT*
Timer 0 Input/Timer 0 Output Complement N/A
Reserved
PA1
T0OUT
Timer 0 Output
Reserved
PA2
DE0
UART 0 Driver Enable
Reserved
PA3
CTS0
UART 0 Clear to Send
Reserved
PA4
RXD0/IRRX0
UART 0 / IrDA 0 Receive Data
Reserved
PA5
TXD0/IRTX0
UART 0 / IrDA 0 Transmit Data
Reserved
PA6
T1IN/T1OUT*
Timer 1 Input/Timer 1 Output Complement
Reserved
PA7
T1OUT
Timer 1 Output
Reserved
Note: Because there is only a single alternate function for each Port A pin, the Alternate Function
Set registers are not implemented for Port A. Enabling alternate function selections as described in
Port A–D Alternate Function Sub-Registers on page 42 automatically enables the associated
alternate function.
* Whether PA0/PA6 take on the timer input or timer output complement function depends on the
timer configuration as described in
Timer Pin Signal Operation on page 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com