Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 35 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 31Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 32Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 33Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 34Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 35Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 36Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 37Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 38Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 276 page
background image
PS022815-0206
Register Map
Z8 Encore! XP® 4K Series
Product Specification
16
Register Map
Table 8 provides the address map for the Register File of the Z8 Encore! XP® 4K Series
devices. Not all devices and package styles in the Z8 Encore! XP® 4K Series support the
ADC, or all of the GPIO Ports. Consider registers for unimplemented peripherals as
Reserved.
Table 8. Register File Address Map
Address (Hex)
Register Description
Mnemonic
Reset (Hex)
Page #
General Purpose RAM
Z8F042A/Z8F041A Devices
000–3FF
General-Purpose Register File RAM
—
XX
400–EFF
Reserved
—
XX
Z8F012A/Z8F021A Devices
000–1FF
General-Purpose Register File RAM
—
XX
200–EFF
Reserved
—
XX
Z8F022A/Z8F011A Devices
000–0FF
General-Purpose Register File RAM
—
XX
100–EFF
Reserved
—
XX
Timer 0
F00
Timer 0 High Byte
T0H
00
76
F01
Timer 0 Low Byte
T0L
01
76
F02
Timer 0 Reload High Byte
T0RH
FF
77
F03
Timer 0 Reload Low Byte
T0RL
FF
77
F04
Timer 0 PWM High Byte
T0PWMH
00
77
F05
Timer 0 PWM Low Byte
T0PWML
00
78
F06
Timer 0 Control 0
T0CTL0
00
78
F07
Timer 0 Control 1
T0CTL1
00
79
Timer 1
F08
Timer 1 High Byte
T1H
00
76
F09
Timer 1 Low Byte
T1L
01
76
F0A
Timer 1 Reload High Byte
T1RH
FF
77
F0B
Timer 1 Reload Low Byte
T1RL
FF
77
F0C
Timer 1 PWM High Byte
T1PWMH
00
77
F0D
Timer 1 PWM Low Byte
T1PWML
00
78
XX=Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com