Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 79 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 79 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 75Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 76Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 77Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 78Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 79Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 80Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 81Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 82Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 83Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 276 page
background image
PS022815-0206
Interrupt Controller
Z8 Encore! XP® 4K Series
Product Specification
60
C1ENH—Port C1 Interrupt Request Enable High Bit
C0ENH—Port C0 Interrupt Request Enable High Bit
Reserved—Must be 0.
C3ENL—Port C3 Interrupt Request Enable Low Bit
C2ENL—Port C2 Interrupt Request Enable Low Bit
C1ENL—Port C1 Interrupt Request Enable Low Bit
C0ENL—Port C0 Interrupt Request Enable Low Bit
Interrupt Edge Select Register
The Interrupt Edge Select (IRQES) register (Table 46) determines whether an interrupt is
generated for the rising edge or falling edge on the selected GPIO Port A or Port D input
pin.
IESx—Interrupt Edge Select x
0 = An interrupt request is generated on the falling edge of the PAx input or PDx.
1 = An interrupt request is generated on the rising edge of the PAx input PDx.
where x indicates the specific GPIO Port pin number (0 through 7).
Shared Interrupt Select Register
The Shared Interrupt Select (IRQSS) register (Table 47) determines the source of the
PADxS interrupts. The Shared Interrupt Select register selects between Port A and alter-
nate sources for the individual interrupts.
Table 45. IRQ2 Enable Low Bit Register (IRQ2ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
C3ENL
C2ENL
C1ENL
C0ENL
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC8H
Table 46. Interrupt Edge Select Register (IRQES)
BITS
7
6
5
4
3
2
1
0
FIELD
IES7
IES6
IES5
IES4
IES3
IES2
IES1
IES0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FCDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com